Part Number Hot Search : 
GRM219 GRM219 UPD16 PK130F SY10E GRM219 15600 SN510
Product Description
Full Text Search
 

To Download STC917UF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STC917UF
NPN Silicon Transistor
Features
* High current transition frequency fT=8.0 GHz(Typ.) @VCE=6V, IC=7mA * Low Noise Figure NFmin=1.4dB(Typ.) @1.0 GHz, VCE=8V, IC=3mA * Maximum Stable Gain(MSG)=19dB @1.0 GHz, VCE=6V, IC=10mA * Output third order intercept output(IP3)=29dBm @ 1.0 GHz,VCE=6V, IC=10mA
Ordering Information
Type NO. STC917UF Marking RF3 Package Code SOT-323F
Outline Dimensions
unit : mm
2.10.1 0.30~0.40 0.70-0.15 0~0.1
+0.1
1.300.1
1.30 BSC
2.00.1
1 3 2
0.110.05
PIN Connections 1. Base 2. Emitter 3. Collector
KST-3051-000
1
STC917UF
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature range
Ta=25C
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
20 10 1.5 50 150 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance
TC=25C
Symbol
BVCBO*1 BVCEO*1 ICBO*1 IEBO*1 hFE*1 fT Cob
Test Condition
IC=100A, IE=0 IC=100uA, IB=0 VCB=10V, IE=0 VEB=1V, IC=0 VCE=6V, IC=5mA VCE=6V, IE=7mA VCB=1V, IE=0, f=1MHz VCB=5V, IE=0, f=1MHz
Min. Typ. Max.
20 10 50 8 0.4 0.3 0.1 0.1 -
Unit
V V A A GHz pF
Performance Characteristics
Characteristic
Insertion Gain Maximum Unilateral Gain Maximum Available Stable Gain Maximum Stable Gain Noise Figure(Minimum) Noise Resistance Associated Gain at Minimum NF Output Power at 1.0dB Gain Compression Output 3'rd Intercept
TC=25C
Symbol
S21
2
Test Condition
VCE=1V, VCE=6V, VCE=1V, VCE=6V, VCE=6V, VCE=1V, VCE=1V, VCE=6V, VCE=1V, VCE=6V, VCE=1V, VCE=6V, IC=1mA, f=1GHz IC=15mA, f=1GHz IC=1mA, f=1GHz IC=15mA, f=1GHz IC=15mA, f=1GHz IC=1mA, f=1GHz IC=1mA, f=1GHz IC=5mA, f=1GHz IC=1mA, f=1GHz IC=5mA, f=1GHz IC=1mA, f=1GHz IC=5mA, f=1GHz
Min. Typ. Max.
7 15 13 17 18 12 1.6 1.4 24 19 10 15 13 28 -
Unit
dB dB dB dB dB
GuMAX*2 MAG*3 MSG*4 NFMIN RN GNF P1dB OIP3
*5
VCE=6V, IC=15mA, f=1GHz VCE=6V, IC=15mA, f=1GHz S21
2 2
-
-
dBm dBm
(1- S11 S21 S12 S21 S12
2
)(1- S22
)
(K
(K2-1)
, if K>1
, if K<1
KST-3051-000
2
STC917UF
Electrical Characteristic Curves
Fig. 1 CT-VCB Fig. 2 CIB-VEB
Fig. 3 hFE-IC
Fig. 4 fT-IC
Fig. 5 Functional circuit schematic
VBE VCE
RF Input "Slug Tuner
RF Output
Bias Network
"Slug Tuner
Bias Network
KST-3051-000
3
STC917UF
Electrical Characteristic Curves
Fig. 6 MSG,MAG-fT Fig. 7 MSG,MAG-fT
Fig. 8 |S21|2,GUmax-fT
Fig. 9 |S21|2,GUmax-fT
Fig. 10 |S21|2,GUmax-IC
Fig. 11 |S21|2,GUmax-IC
KST-3051-000
4
STC917UF
Electrical Characteristic Curves
Fig. 12 MSG,MAG-IC Fig. 13 MSG,MAG-IC
Fig. 14 NFmin,GNF-fT
Fig. 15 NFmin,GNF -fT
Fig. 16 NFmin,GNF-IC
Fig. 17 NFmin,GNF-IC
KST-3051-000
5
STC917UF
Electrical Characteristic Curves
Fig. 18 OIP3,P1dB-IC
KST-3051-000
6
STC917UF
Common Emitter S-Parameter Data
| | | | | | | |
KST-3051-000
7
STC917UF
Common Emitter S-Parameter Data
| | | | | | | |
KST-3051-000
8
STC917UF
Common Emitter S-Parameter Data
| | | | | | | |
KST-3051-000
9
STC917UF
Common Emitter Noise Parameter Data

KST-3051-000
10
STC917UF
Electrical Characteristic Curves
Fig. 19 Constant Gain & Noise Figure Coutours Fig. 20 Constant Gain & Noise Figure Coutours
Fig. 21 Constant Gain & Noise Figure Coutours
Fig. 22 Constant Gain & Noise Figure Coutours
KST-3051-000
11


▲Up To Search▲   

 
Price & Availability of STC917UF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X